PART |
Description |
Maker |
XTSC0805-100NF |
Extreme Temperature Silicon Capacitor
|
Micross Components
|
XTSC0402-22NF |
Extreme Temperature Silicon Capacitor
|
Micross Components
|
KTY84-152 KTY84-151 KTY84-150 KTY84-130 KTY84-1 KT |
Silicon temperature sensors SPECIALTY ANALOG CIRCUIT Silicon temperature sensors(硅元素温度传感器)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BYP25A1 BYP25K05 BYP25A05 BYP25A2 BYP25A3 BYP25A4 |
Silicon Press-Fit-Diodes High-temperature diodes 25 A, 300 V, SILICON, RECTIFIER DIODE VGA VIDEO CABLE 100 FT MM 25 A, 100 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 600 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 400 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG Diotec Elektronische
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
BZG01 BZG01-C10 BZG01-C100 BZG01-C110 BZG01-C12 BZ |
SMA voltage regulator diodes 200 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 43 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 62 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 220 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Supervisory Circuit with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23; Package: SC70; No of Pins: 5; Temperature Range: Industrial 22 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 10 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 12 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 120 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC SMA voltage regulator diodes 27 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 91 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial µP Supervisory Circuit with Watchdog Feature, 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM699; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Kingbright, Corp. Power-One, Inc. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
KTY82120 KTY82121 KTY82122 KTY82110 KTY82210 KTY82 |
Silicon temperature sensors
|
NXP Semiconductors
|
KTY83_110 KTY83_120 KTY83_151 KT83A KT83C KT83D KT |
Silicon temperature sensors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
KTY83/120 KTY83/110 KTY83/121 |
Silicon temperature sensors
|
Philips
|
KTY83 KTY83_110 KTY83_120 KTY83_121 KTY83_122 KTY8 |
Silicon temperature sensors
|
NXP Semiconductors
|
|